|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Quartz SMD HE7050/2 HE7050/4 Features: - SMD - Epoxy resin seal - Ultra thin profile Specifications Frequency range Frequency tolerance,Ta=25C Load capacitance Temperature tolerance Temperature range Drive level Series resistance Shunt capacitance Insulation resistance Aging Storage temperature Operating temperature Maximum drive level Recommended drive level Symbol f f/f CL f/f TSTG TOPR MDL RDL R1 C0 IR fA HE7050 6.000MHz ~ 12.000MHz 10ppm ~ 50ppm 10pF ~ 30pF 10ppm ~ 50ppm -40C ~ +85C -20C ~ +70C 500W 20W ~ 100W As per table 7pF 500M Ohm 5ppm/Year max 25C 3C Max Min Others are offered Remarks Fundamental mode Please specify Please specify Please specify Others are offered Frequence of series resonance (ESR) Frequency (MHz) Mode 6<= f <12.0 Fundamental Ohm max 80 Frequency (MHz) Mode Ohm max Drawing HE7050/2 HE7050/4 Dimensions in mm Order key Q Part - 40.000000M - HE7050/2 Frequency Package -F Mode of oscillation - 30 Frequency tolerance ppm (25C) - 30 Temperature tolerance ppm (Temp. range) -A Temperature range A= 0C ~ +70C - 30 Load capacitance pF SR=series - TR Option Q=Quartz M=MHz HE7050/2 HE7050/4 /2 = 2 pads /4 = 4 pads F=fund. TR=Tape and reel X=Special options B= -10C ~ +60C C= -10C ~ +70C D= -20C ~ +70C E= -40C ~ +85C H= -20C ~ +80C I = -10C ~ +50C auris-GmbH office@auris-gmbh.de www.auris-gmbh.de All specifications are subject to change without notice. 2.11 |
Price & Availability of HE70502 |